Part Number Hot Search : 
D880GR FRF504G MRF100 B1101UCL UPD75 OMR184NH 012X5R1 AC05FGM
Product Description
Full Text Search
 

To Download TS5204CY50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS5204
150mA Low Noise LDO Voltage Regulator
Pin assignment SOT-89 1. Output 2. Ground 3. Input SOT-23 1. Output 2. Input 3. Ground
Low Power Consumption Low Dropout Voltage 0.275V
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 150mA), and very low power consumption (600uA at 100mA), providing high output current even when the application requires very low dropout voltage. The TS5204 series is included a precision voltage reference, error correction circuit, a current limited output driver, over temperature shutdown and revered battery protection. The TS5204 series is available in 3-pin SOT-23 and SOT-89 package.
Features
Ultra low noise output. Output current up to 150mA Low dropout voltage Low power consumption Internal current limit Thermal shutdown protection
Ordering Information
Part No.
TS5204CXxx
Operating Temp.
-40 ~ +125 C
o
Package
SOT-23
SOT-89 TS5204CYxx Note: Where xx denotes voltage option, available are 5.0V, 3.3V, 3.0V, 2.9V, 2.8V, 2.5V and 1.8V. Leave blank for adjustable version. Contact factory for additional voltage options.
Applications
Cellular telephones Palmtops, notebook computers Battery powered equipment Consumer and personal electronics SMPS post regulator and DC to DC modules High-efficiency linear power supplies
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Input Supply Voltage Power Dissipation (Note 2) Thermal Resistance SOT-23 SOT-89 Operating Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (260 C)
o
Vin PD ja
-20~ +20 Internal limited 220 180
o
V
C/W
o o
Tj TSTG
-40 ~ +125 -65 ~ +150 5
C C
S
TS5204 series
1-4
2004/09 rev. A
Recommend Operating Rating (Note 3)
Input Supply Voltage Vin +2.5 ~ +16 V
Electrical Characteristics
Vin=Vo+1V, Io=100uA, Cout=1uF, Vce2V, Tj = 25 oC, unless otherwise specified.
Parameter
Output Voltage
Conditions
Vin=Vo + 1V Vin=Vo + 1V, Io= 50mA
Min
0.99|Vo| 0.98|Vo| ---------------
Typ
Vout
Max
1.01|Vo| 1.02|Vo|
Unit
V ppm/ oC %/V %/V
Output Voltage Temp. Coefficient Line Regulation Load Regulation (Note 5) Dropout Voltage (Note 6)
(Note 4) Vo+1V Vin 16V 0.1mA Io 150mA Io=100uA Io=50mA Io=100mA Io=150mA
40 0.005 0.02 17 110 140 165 80 350 600 1300 300 75 0.05 260
-0.05 0.2 50 150 250 275 125 600 1000 1900 500 ----
mV
Ground Pin Current (Note 7)
Io=100uA Io=50mA Io=100mA Io=150mA
uA
Output Current Limit Power Supply Rejection Ratio Thermal Regulation (Note 8) Output Noise
Vout=0V At f=100Hz, Io=100uA,
mA dB %/W nVHz
Io=50mA, Cout=2.2uF, 470pF from bypass to Ground
--
Note 1: Exceeding the absolute maximum rating may damage the device. Note 2: The maximum allowable power dissipation at any Ta is Pd(max) = [ Tj(max) - Ta] + ja. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. Note 3: The device is not guaranteed to function outside its operating rating. Note 4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range. Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from 1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification. Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. Note 7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load current plus the ground pin current. Note 8: Thermal regulation is defined as the change in output voltage at a time "t" after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at Vin=16V for t=10mS.
TS5204 series
2-4
2004/09 rev. A
Application Information Thermal Characteristics
TS5204 series is designed to provide 150mA of continuous current in a very small package. Maximum power dissipation can be calculated based on the output current and the voltage drop across the part. To determine the maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the following basic equation: Pd(max) = [ Tj(max) - Ta ] /ja Tj(max) is the maximum junction temperature of the die(125oC), and Ta is the ambient operating temperature. ja is layout dependent, the actual power dissipation of the regulator circuit can be determined using the equation: Pd = ( Vin - Vout ) * Iout + Vin * Ignd Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the maximum operating conditions for the regulator circuit. For example, when operating the TS5204CX33 at room temperature with a minimum footprint layout, the maximum input voltage for a set output current can be determined as follows: Pd(max) = (125 C - 25 C) / 220 C/W Pd(max) = 455mW The junction to ambient thermal resistance for the minimum footprint is 220oC/W, the maximum power dissipation must not be exceeded for proper operation. Using the output voltage of 3.3V and an output current of 150mA, the maximum input voltage can be determined. Formt eh electrical characteristics table, the maximum ground current for 150mA output current is 2.5mA. 445mW = ( Vin - 3.3V ) * 150mA + Vin * 2.5mA 445mW = Vin * 150mA - 3.3 * 150mA + Vin * 2.5mA 445mW = Vin * 150mA - 495mW + Vin * 2.5mA 950mW = Vin * 152.5mA Vin(max) = 6.23v Therefore, a 3.3V application at 150mA of output current can accept a maximum input voltage of 6.23V in a SOT-23 package.
o o o
Input Capacitor Requirement
An input capacitor of 1uF or greater is recommended when the device is more than 10" away from the bulk AC supply capacitance or when the supply is a battery.
Output Capacitor Requirement
The TS5204 series requires an output capacitor to maintain stability and improve transient response is necessary. 2.2uF minimum is recommended. Larger values improve the regulator's transient response. The output capacitor value may be increased without limit. The output capacitor should have an ESR (effective series resistance) less than 5 and a resonant frequency above 1MHz. Ultra low ESR capacitors can cause a low amplitude oscillation on the output and/or under damped transient response. Most of tantalum or aluminum electrolytic capacitors are adequate; film types will work. Since many aluminum electrolytic have electrolytes that freeze at about -30oC, solid tantalums are recommended for operation below -25oC. At lower values of output current, less output capacitance is required for output stability. The capacitor can be reduced to 0.47uF for current below 10mA or 0.33uF for currents below 1mA.
No Load Stability
The TS5204 series iwill remain stable and in regulation with no load, unlike many other voltage regulators. This is especially important in CMOS RAM keep alive applications.
Dual Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode clamped to ground.
TS5204 series
3-4
2004/09 rev. A
SOT-89 Mechanical Drawing
A B
I
DIM A B C D E F
J
H G
C
SOT-89 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 4.40 4.60 0.173 0.181 1.50 1.7 0.059 0.070 2.30 2.60 0.090 0.102 0.40 0.52 0.016 0.020 1.50 1.50 0.059 0.059 3.00 3.00 0.118 0.118 0.89 4.05 1.4 0.35 1.20 4.25 1.6 0.44 0.035 0.159 0.055 0.014 0.047 0.167 0.068 0.017
E
D
G H I J
F
SOT-23 Mechanical Drawing
A B
F
DIM A B C D E F G SOT-23 DIMENSION MILLIMETERS INCHES MIN 2.88 0.39 1.78 0.51 1.59 1.04 0.07 MAX 2.91 0.42 2.03 0.61 1.66 1.08 0.09 MIN 0.113 0.015 0.070 0.020 0.063 0.041 0.003 MAX 0.115 0.017 0.080 0.024 0.065 0.043 0.004
E
G
D
C
TS5204 series
4-4
2004/09 rev. A


▲Up To Search▲   

 
Price & Availability of TS5204CY50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X